PART |
Description |
Maker |
330100M6R3JS8E 330R100M6R3JS8E 3331100M6R3JS8E 333 |
-55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 垄陋C to 105 垄陋C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 ?? to 105 ?? Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
|
Cornell Dubilier Electr... List of Unclassifed Man... List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC Cornell Dubilier Electronics Cornell Dubilier Electronic...
|
330R122U100JP2 330R123U010JL2 330471T160JP2 |
High Ripple and Ultra-Long Life
|
Cornell Dubilier Electr...
|
520C113T250DF2B 520C163T200DF2B 520C332T500DF2B 52 |
Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
|
http:// Cornell Dubilier Electronics Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
383LX254M016B102V 383L272M200N082 383LX472M200N082 |
High Ripple, Long Life, 2, 4 and 5 pin styles available
|
Cornell Dubilier Electr...
|
MAL210432103E3 MAL210432153E3 MAL210432223E3 MAL21 |
Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
|
http:// Vishay Siliconix
|
CD29DHR |
Small Size Long Useful Life High Ripple Current Industrial Power Supplies and Inverters
|
Jianghai Europe GmbH
|
EGPD630E EGPD800E EGPD250E |
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS Long life, High ripple, 135? Long life, High ripple, 135? MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
|
United Chemi-Con, Inc.
|
104-PHL-ST |
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
|
Vishay Siliconix
|
MAL209060103E3 MAL209079222E3 MAL209017103E3 MAL20 |
Aluminum Capacitors Power Ultra Long Life Snap-In
|
Vishay Siliconix
|
K4C89183AF K4C89083AF-GIFB K4C89083AF-AIFB K4C8909 |
288Mb x18 Network-DRAM2 Specification 288Mb x18网络DRAM2规范 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 100uF; Voltage: 250V; Case Size: 16x31.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 33uF; Voltage: 250V; Case Size: 12.5x20 mm; Packaging: Bulk JT 55C 55#22M PIN PLUG JT 8C 8#16 PIN PLUG Thyristor / Diode Module; Repetitive Reverse Voltage Max, Vrrm:2200V; Current, It av:430A; Gate Trigger Voltage Max, Vgt:3V; Gate Trigger Current Max, Igt:200mA; Package/Case:LD43; di/dt:200A/ s RoHS Compliant: Yes JT 55C 55#22 SKT PLUG
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
MU1000 |
a long service life battery up to 20years expected life under normal float charge
|
CSB Battery Co., Ltd.
|
MSV200 |
a long service life battery up to 15years expected life under normal float charge
|
CSB Battery Co., Ltd.
|